Part Number Hot Search : 
6034026 123SA 2SB1143 IZ1238M A1150 PM4380 SP254 6ABST
Product Description
Full Text Search
 

To Download 2N3904C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
B
2N3904C
EPITAXIAL PLANAR NPN TRANSISTOR
C
Low Leakage Current : ICEX=50nA(Max.), IBL=50nA(Max.) @VCE=30V, VEB=3V. Excellent DC Current Gain Linearity. Low Saturation Voltage : VCE(sat)=0.3V(Max.) @IC=50mA, IB=5mA. Low Collector Output Capacitance : Cob=4pF(Max.) @VCB=5V. Complementary to 2N3906C.
L
1 2 3 F
H
A
FEATURES
N K D E G
F
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. COLLECTOR 3. BASE
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range Ta=25 Tc=25
)
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg RATING 60 40 6 200 50 625 1.5 150 -55 150 UNIT V V V mA mA mW W
TO-92
1994. 2. 28
Revision No : 0
1/2
2N3904C
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Collector Cut-off Current Base Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage * Emitter-Base Breakdown Voltage SYMBOL ICEX IBL V(BR)CBO V(BR)CEO V(BR)EBO hFE(1) hFE(2) DC Current Gain * hFE(3) hFE(4) hFE(5) Collector-Emitter Saturation Voltage * VCE(sat)1 VCE(sat)2 VBE(sat)1 VBE(sat)2 fT Cob Cib hie hre hfe hoe NF VCE=5V, IC=0.1mA Rg=1k f=10Hz 15.7kHz
Vout V in 275
TEST CONDITION VCE=30V, VEB=3V VCE=30V, VEB=3V IC=10 A, IE=0 IC=1mA, IB=0 IE=10 A, IC=0 VCE=1V, IC=0.1mA VCE=1V, IC=1mA VCE=1V, IC=10mA VCE=1V, IC=50mA VCE=1V, IC=100mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=20V, IC=10mA, f=100MHz VCB=5V, IE=0, f=1MHz VBE=0.5V, IC=0, f=1MHz
MIN. 60 40 6.0 40 70 100 60 30 0.65 300 1.0
TYP. -
MAX. 50 50 300 0.2 0.3 0.85 0.95 4.0 8.0 10 8.0 400 40 5.0
UNIT nA nA V V V
V
Base-Emitter Saturation Voltage Transition Frequency Collector Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small-Signal Current Gain Collector Output Admittance Noise Figure
*
V MHz pF pF k x10-4
VCE=10V, IC=1mA, f=1kHz
0.5 100 1.0 , -
dB
Delay Time
td
10k
C Total< 4pF
-
-
35
300ns
Rise Time Switching Time Storage Time
tr
10.9V -0.5V
VCC =3.0V 0 t r ,t f < 1ns, Du=2% Vout
-
-
35 nS
V in
275
tstg
10k 1N916 or equiv.
C Total< 4pF
-
-
200
Fall Time
tf
20s 10.9V -9.1V
VCC =3.0V 0 t r ,t f < 1ns, Du=2%
-
-
50
* Pulse Test : Pulse Width 300 S, Duty Cycle 2%.
1994. 2. 28
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of 2N3904C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X